Part Number Hot Search : 
CZ41H NCP111 SLB0587G B0505 ATS040 CAT4137 SMC20A 16188
Product Description
Full Text Search
 

To Download BCM5646 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM5646
(R)
STRATASWITCH IITM BCM5646 INTEGRATED MULTI-LAYER SWITCH
FEATURES * * * * * * * * * * * * * *
24 10/100 Mb and 2 10/100/1000 Mb Ethernet ports High-speed 2.5-Gbps TurboGigTM stacking link 8.9 Mpps (line rate) switching 1-4 Classes of Service (COS); map to 802.1p priority IGMP snooping Integrated (8k) L2 table with auto learning Integrated (2k) L3 table Integrated (256 KB) data packet memory 64- or 128-bit-wide SDRAM support Spanning Tree support per VLAN DiffServ compliant Stacking architecture compatible with StrataSwitch ITM IEEE 802.1Q.D support Fast Filter Processor (FFP) - Examines up to the 80th byte of a packet - Supports TOS and DiffServ field modification - Bandwith regulation and monitoring per network flow - Network data flow tracking granular to 1 Mbps
SUMMARY OF BENEFITS * 2.5-Gbps TurboGigTM stacking link defines the next generation
of performance for 48-port switching devices
* Optimized for 48FE+2GE and 24+2GE switches * New service offerings for ISPs
- Pay for bandwidth consumption - Voice over IP - Police over-consumption of network resources - Line rate switching on all ports
* Greater insight to network resource utilization through the
advanced FFP features * More efficient deployment of existing network resources through insight provided by StrataSwitch IITM feature set * Line rate switching on all ports for: - Layer 2 switching - All FFP actions -- steering, forwarding, reclassifying
* Low device power, 3W (<120 mW/ FE port), enables low-cost
power supplies
* High level of integration minimizes PCB layer count and
routing issues
* Flexible (128- or 64-bit) SDRAM interface supports low system
cost of memory
BCM5646 Application Diagram
2Mx32 SDRAM 2Mx32 SDRAM 2Mx32 SDRAM 2Mx32 SDRAM
PCI Bus
TurboGigTM
StrataSwitch IITM BCM5646
StrataSwitch IITM BCM5646
8
8
8
1G
1G
8
8
8
BCM5238
BCM5238
BCM5238
BCM5421
BCM5421
BCM5238
BCM5238
BCM5238
OVERVIEW
PCI
External Data Packet Memory (64 or 128 bit SDRAM)
I2C
SMII / S3MII
ARL TABLES
CMIC
EPIC3
L3 TABLES VLAN TABLES
MMU
ARL TABLES
CPS BUS 32 Gbps channel
ARL TABLES
Internal Data Packet Memory
EPIC1
L3 TABLES VLAN TABLES
GPIC1
EPIC2
L3 TABLES VLAN TABLES
GPIC2
SMII / S3MII
GMII TurboGigTM
SMII / S3MII
TBI/GMII TurboGigTM
The BCM5646, with a forwarding rate of 8.9 Mpps, defines the next generation of performance for 48-port Fast Ethernet switching solutions. Through its advanced ContentAwareTM feature set, the StrataSwitch IITM product family supports advanced applications and services, at wire speed, with non-blocking performance. The BCM5646 uses 60 million transistors and 1 MB of internal memory to integrate the functionality of large 48-port board designs into two chips. This level of integration allows the BCM5646-based switch to sustain line rate on all 48 Fast Ethernet and 2-Gigabit Ethernet ports for Layer 2 and all L2-L7 processing applications. The StrataSwitch IITM Fast Filter Processor (FFP) delivers line rate packet processing to support policy management, VoIP, and firewall applications. The data packet memory can be extended from 4 MB to 64 MB using commodity SDRAM in either a 128-bit-wide interface or a 64-bit-wide interface.
The StrataSwitchTM family supports using the gigabit ports or TurboGigTM in a stacking link mode, giving you tremendous scalability configuring your switching system. The BCM5646 also provides a wide range of choices in levels of manageability and solution costs. For example, the BCM5646 provides a low-cost I2C interface for unmanaged applications, as well as a 33MHz PCI interface for higher management and network service requirements. The flow metering and monitoring of the StrataSwitch IITM enables many new applications and services. ISPs can benefit from the metering capabilities of the StrataSwitch IITM, eliminating unregulated bandwidth from over-consuming their network. Using the monitoring features of the FFP, IT managers can gain tremendous insight to the utilization of their current network resources and optimize those resources accordingly.
Broadcom(R), the pulse logo, and Connecting everything(R) are trademarks of Broadcom Corporation and/ or its subsidiaries in the United States and certain other countries. All other trademarks mentioned are the property of their respective owners.
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2003 by BROADCOM CORPORATION. All rights reserved. 5646-PB03-R 10/23/03
Phone: 949-450-8700 Fax: 949-450-8710 E-mail: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM5646

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X